Part Number Hot Search : 
A223M EX24016 2C500A MH89770 B5117 16802 12121 MAX168
Product Description
Full Text Search
 

To Download KBPC110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
BR305 - BR310 KBPC1005 - KBPC110
3.0A 3.0A BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase,half wave, 60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Maximum Average Forward Peak Forward Surge Current Output @ 8.3ms Current @TA=40C Superimposed I
O
Maximum DC Forward Voltage drop per element at IF =3.0ADC VF VPK
Maximum DC Reverse Current at rated DC Blocking Voltage per element IR 25CTA ADC 125CTA ADC
Operating Junction Temperature
Package Dimensions
IFM (Surge) A PK
TJ C
A AV
BR305 BR31 BR32 BR34 BR36 BR38 BR310
KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 KBPC108 KBPC110
50 100 200 400 600 800 1000
3.0
50
1.1
10
500
125
BR - 3
150(3.81) 140(3.56)
.445(11.31) .405(10.29)
.032(.81) .028(.71)
BR - 3
.620(15.71) .580(14.96)
.75 MIN (19) .270(6.86) .230(5.84)
7C-1/2
LESHAN RADIO COMPANY, LTD.
BR305-BR310 KBPC1005-KBPC110 BRIDGE RECTIFIERS RATING & CHARACTERISTIC CURVES
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
4 50
PEAK FORWARD SURGE CURRENT.AMPERES
FIG. 2 - PEAK FORWARD CURRENT
AVERAGE FORWARD CURRENT.(A)
3
40
30
2
20
1
10
0 1 0 50 100 150 2 4 6 10 20 40 60 100
NUMBER OF CYCLES AT 60Hz AMBIENT TEMPERATUER.C
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
100 60 40 20 TJ = 125C
INSTANTANEOUS FORWARD CURRENT AMPERES
10
10 6 4 2
1.0
1 0.6 TJ = 25C 0.4 0.2 0.1 0 20 40 60 80 100 120 140
.1
TJ = 25C Pulse Width=300s 1% Duty Cycle .01 .4 .6 .8 1.0 1.2 1.4 1.6 1.8
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FORWARD VOLTAGE. VOLTS
7C-2/2


▲Up To Search▲   

 
Price & Availability of KBPC110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X